Part Number Hot Search : 
F4002 00LVE MAX500 LT1713 Q67006 OFM15 2N6301 6034030
Product Description
Full Text Search
 

To Download C21002110 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Product SKU: Product Description: Product Category:
C2100.21.10 Hook-Up Wire, UL 1015, CSA TEW, Gauge Size (AWG): 24, Conductor/Strands: 7/32, Jacket: Premium Grade PVC, Temperature Range: -20AC to +105AC - Gray - 1000 Ft. Spool Electronics - Hook-Up Wire - UL 1015, CSA TEW - STRANDED CONDUCTORS - Gray
Product Construction:
Conductor: 24 thru 10 AWG Fully-annealed, tinned copper per ASTM B-33 Solid or stranded Insulation: Color Code: See chart below Premium grade color-coded PVC Temperature range: -20AC to +105AC
Product Specification:
Conductor Size (AWG): Conductor/Strands: No. of Pairs: Jacket Color: Nominal Insulation Thickness (in): Nominal Insulation Thickness (mm): Nominal Outside Diameter (in): Nominal Outside Diameter (mm): Standard Packaging:
24 7/32 1 Gray 0.032 0.81 0.088 2.23 1000' Spool
Standard Package Quantity: UPC #: Put-up: SCC-14: Cube: Weight Per Unit of Measure: ColorOption:
1 079407767694 1000 50079407767699 328.44 .01 Gray Internal wiring of electrical and electronic equipment Internal wiring of panels and meters Point-to-point wiring Suggested voltage rating: 600 Volts
Product Information:
Applications:
Compliances:
CSA Type TEW Designed to Meet UL VW-1 Vertical Wire Flame Test UL Style 1015 - 105AC, 600V
Packaging:
10,000 foot (3048m) Reels 1000' (305 m) Spools Other put-ups available- consult Customer Service
Reference Charts
Color Code Chart
Technical Specifications
Unit Conversion Factors Cable Design Equations - Balanced Pair Insulation and Jacket Properties Temperature Conversion Chart Decimal and Unit Conversion Factors Cable Design Equations - Braid Shield AWG Conductor Chart Conduit Capacity Chart
Cable Design Equations - Coaxial Cable Engineering Prefixes Coax Connector Cross Reference Glossary


▲Up To Search▲   

 
Price & Availability of C21002110

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X